PART |
Description |
Maker |
F3L300R12MT4P-B23 |
3-Level-Applikationen
|
Infineon Technologies A...
|
MAX17079GTL |
4-Level or 2-Level Logic to High-Voltage Level Shifter for TFT LCD TV Display
|
Maxim Integrated Products
|
MAX17079 |
4-Level Or 2-Level Logic To High-Voltage Level Shifter
|
Maxim Integrated Products
|
ADG3232 ADG3232BRJ-REEL7 ADG3232BRJ-REEL |
2:1 Multiplexer Level Translator with Bi-directional 1.65 V to 3.6 V Level Shift Low Voltage 2-1 Mux, Level Translator From old datasheet system
|
AD[Analog Devices]
|
MAX14808 MAX14809 |
Octal Three-Level/Quad Five-Level High-Voltage 2A Digital Pulsers with T/R Switch
|
Maxim Integrated Products
|
HD66732 |
Graphics Liquid Crystal Display Controller/Driver Supporting JIS Level-1 and Level-2 Kanji ROM(图形LCD控制驱动
|
Hitachi,Ltd.
|
HD74ALVC165245ATEL HD74ALVC165245A |
Standard IC>General-Purpose Logics>Level Shifter>High Speed Level Shifter 16-Bit Dual-supply Bus Transceiver with 3-state Outputs
|
RENESAS[Renesas Electronics Corporation]
|
HD74ALVC166245A |
Standard IC>General-Purpose Logics>Level Shifter>High Speed Level Shifter
|
Renesas
|
RD74VT1G245 |
Standard IC>General-Purpose Logics>Level Shifter>High Speed Level Shifter
|
Renesas
|
CQ218I-40N CQ218I-40B CQ218I-40D CQ218I-40M |
Connector assemblies, Network cables; 600 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 LEVEL 7 PATCH CABLES SNAGLESS, 200 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 Connector assemblies, Network cables; 800 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 ISOLATED TAB TRIAC 40 AMP Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp]
|
FT1008MH FT1008BH FT1008DH |
600 V, 10 mA logic level TRIAC 200 V, 10 mA logic level TRIAC 400 V, 10 mA logic level TRIAC
|
Fagor
|